Part Number Hot Search : 
D42C1 CXA2013M MMBZ5260 MC3479 AX1006 E000859 114EK 4VCXH
Product Description
Full Text Search
 

To Download M62702SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L is ot a are P RoEe:Thirsamentric limits ic a N t ep
Som
A Ri Y t t . e. I Nnal spescufibcjatciono chang e I M fi
MITSUBISHI Dig./Ana.INTERFACE
M62702ML,SL
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62702ML
GENERAL DESCRIPTION The M62702ML/SL is a voltage threshold detector designed for detection of a supply voltage and generation of a system reset pulse for almost all logic circuits such as a microcontroller. It has extensive applications including battery checking, level detecting and waveform shaping circuits. FEATURES * Few external components * Low operating threshold voltage (Supply voltage to keep a output low in a low supply operation) ...0.65V(typ) at RL=22k * Wide supply voltage range ............ 2V to 7V * High immunity to a sudden supply voltage change * Wide application range * Extra small 3-pin package (3-pin FLAT) APPLICATION * Rest pulse generation for almost all logic circuits * Battery checking, level detecting, waveform shaping circuits * Switching circuit for a back-up power supply * DC-DC converter * Over voltage protection circuit RECOMMENDED OPERATING CONDITION * Supply voltage range ............ 2V to 7V
PIN CONFIGURATION (TOP VIEW)
3 OUTPUT 2 GND
VOLTAGE
Outline SOT-89
(1) SUPPLY VOLTAGE (2) GND (3) OUTPUT (1) (2) (3) Outline TO-92L
BLOCK DIAGRAM SUPPLY VOLTAGE 1
R1
25A typ.
3 OUTPUT R2 1.25V
2 GND
(1/3)
M62702SL
1 SUPPLY
L is ot a are P RoEe:Thirsamentric limits ic a N t ep
Som
A Ri Y t t . e. I Nnal spescufibcjatciono chang e I M fi
MITSUBISHI Dig./Ana.INTERFACE
M62702ML,SL
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
FUNCTIONAL DIAGRAM
SUPPLY VOLTAGE
2.87V 0.65V
OUTPUT STATE H
L
OUTPUT UNDEFINED
ABSOLUTE MAXIMUM RATINGS (Ta = 25C, Unless otherwise noted)
Symbol
ICC Isink VO Pd K0 Topr Tstg
Parameter
Supply Voltage Output Sink Current Output Voltage Power Dissipation Thermal Derating Operating Temperature Storage Temperature
Test condition
Ratings
7 6 VCC 700 500 7 5 -30 to +85 -40 to +125
Unit
V mA V mW mW/C C C
Output with constant current load 3pin SIL 3pin FLAT 3PIN SIL Ta25C 3PIN FLAT
ELECTRICAL CHARACTERISTICS (Ta=25C, Unless otherwise noted)
Symbol
VS
Parameter
Detecting Voltage Hysteresis Voltage Detecting Voltage Temperature Coefficient Circuit Current Output Saturation Voltage Threshold Operating Voltage Output Load Current Output HIGH Voltage Propagation Delay Time
Test condition
MIN
2.74 50
Limits TYP
2.87 80 0.01
MAX
3.00 110
Unit
V mV %/C A V V A V s
VS
VS/T ICC Vsat VOPL IOC VOH tPHL tPLH
VCC=3.3V VCC=2V,Isink=4mA
Minimum supply voltage RL=2.2k,Vsat0.4V for IC operation RL=100k,Vsat0.4V
VCC=2V,VO=1/2VCC
Response time when Vcc changes H to L Response time when Vcc changes L to H
-40 VCC-0.2
210 0.2 0.7 0.6 -25 VCC-0.06 6 3
340 0.4 0.8 0.7 -17
(2/3)
L is ot a are P RoEe:Thirsamentric limits ic a N t ep
Som
A Ri Y t t . e. I Nnal spescufibcjatciono chang e I M fi
MITSUBISHI Dig./Ana.INTERFACE
M62702ML,SL
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
Example of application circuit
Reset Circuit of M627XX Series
VCC
SUPPLY VOLTAGE OUTPUT
RL
SUPPLY VOLTAGE
RESET(RESET)
LOGIC CIRCUIT
M627XX
GND
Cd
GND
Note 1. This IC can be used whether or not a pull-up resistor is included in the logic circuit. Note 2. The logic circuit preferably should not have a pull-down resistor. However in the case it has, the load resistor RL must be much less than the pull-down resistor. (refer to the above application circuit)
!
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury,fire or property damage.Remember to give due consideration to safety when making your circuit design,in order to prevent fires from spreading,redundancy,malfunction or other mishap. (3/3)


▲Up To Search▲   

 
Price & Availability of M62702SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X